PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
BUW49 BUW48 4206 |
HIGH CURRENT NPN SILICON TRANSISTORS HIGH POWER NPN SILICON TRANSISTORS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
BUX48 BUX48A |
SWITCHMODE II Series NPN Silicon Power Transistors SITCHMODE II Series NPN Silicon Power Transistors
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BDV65B BDV65A BDV65C |
Silicon NPN Power Transistors Silicon NPN Darlington Power Transistor
|
Inchange Semiconductor Company Limited
|
EMF5XV6T5 EMF5XV6T5G |
Power Management Dual Transistors Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|